PART |
Description |
Maker |
CLY38-10 CLY38 CLY38-00 CLY38-05 |
CUTTERS, ANGLED FULL FLUSH 120MMCUTTERS, ANGLED FULL FLUSH 120MM; Capacity, cutting copper wire:1.2mm; Length:120mm; Capacity, cutting soft iron:1.0mm; Edge Finish/Profile:Full Flush; Head type:Oblique; Length, blade:10mm 伊雷尔C波段砷化镓功率场效应 CUTTERS, OBLIQUE FULL FLUSH 125MMCUTTERS, OBLIQUE FULL FLUSH 125MM; Capacity, cutting copper wire:0.8mm; Length:125mm; Capacity, cutting soft iron:0.6mm; Edge Finish/Profile:Full Flush; Length, jaw:20mm 伊雷尔C波段砷化镓功率场效应 CUTTERS, OBLIQUE FULL FLUSH 135MMCUTTERS, OBLIQUE FULL FLUSH 135MM; Capacity, cutting copper wire:0.8mm; Length:135mm; Capacity, cutting soft iron:0.6mm; Edge Finish/Profile:Full Flush; Head type:Slim; Length, jaw:20mm HiRel C-Band GaAs Power-MESFET
|
INFINEON[Infineon Technologies AG]
|
AQZ264 AQZ262 |
Power photoMOS relay (high capacity type). AC/DC type. Output rating: load voltage 400 V, load current 1.0 A. Power photoMOS relay (high capacity type). AC/DC type. Output rating: load voltage 60 V, load current 6.0 A.
|
Matsushita Electric Works(Nais)
|
FTR-K3-PV FTR-K3AB024W-PV |
POWER RELAY 1 POLE - High Capacity 32A Type
|
Fujitsu Component Limited.
|
AMI200-945 AMI200-953 AMI200-945F-D1 |
Slim Type for IBASE MI953AF Mini-ITX Slim Type for IBASE MI945 Mini-ITX Motherboard
|
List of Unclassifed Manufacturers
|
JK1A |
SLIM TYPE POWER RELAY
|
Nais
|
CF050P1S-003-00DS0 CF050P1S-013-00DS0 CF050P1S-003 |
Compact Flash Card Slim Type I
|
Yamaichi Electronics Co., Ltd.
|
ZE-QCL-2S ZE-Q21-2G XE-NA277-2 ZE-Q21-2S ZV2-N21-2 |
General-purpose Enclosed Switches with High Breaking Capacity and High Durability
|
Omron Electronics LLC
|
2SD2200 |
Surface mount type device making the following possible. Large current capacity.
|
TY Semiconductor Co., Ltd
|
HD1750JL |
High Voltage NPN Power Transistor for High Definition and New Super-Slim CRT Display
|
STMICROELECTRONICS[STMicroelectronics]
|
UA2-3NJ-L UA2-3SNJ-L UB2-3NJ-L UB2-3SNJ-L UA2-3NJ- |
Super-compact size, Slim-package, Surface mounting type
|
NEC
|
AMI200-970-3612QM AMI200-970-1020E AMI200-970-3120 |
Slim Type System for IBASE MI970VF Mini-ITX Motherboard
|
List of Unclassifed Manufacturers
|
QDSP-499G QDSP-499G-00000 |
10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays 10毫米超薄字体三位数与2冒号七段显示 100mm Three Digital Slim Font
|
Agilent(Hewlett-Packard)
|